Part Number Hot Search : 
D880GR FRF504G MRF100 B1101UCL UPD75 OMR184NH 012X5R1 AC05FGM
Product Description
Full Text Search
 

To Download B66362X1014T001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ETD 34/17/11 Core
I In accordance with IEC 61185 I Quality assurance per UTE 83313-001/
B66361
CECC 25 301-001 (material N27)
I For SMPS transformers with optimum
weight/performance ratio at small volume
I ETD cores are supplied as single units
17,5 _ 0,4
11,8+0,6
Magnetic characteristics (per set)
11,1_ 0,6
11,1_ 0,6
l/A le Ae A min Ve
= 0,81 mm-1 = 78,6 mm = 97,1 mm2 = 91,6 mm2 = 7 630 mm3
25,6+1,4
_ 0,6 34 +1
FEK0048-F
Approx. weight 40 g/set
Ungapped Material N27 N87 N97 1) AL value nH
e
A L1min P V nH W/set
Ordering code
2400 + 30/- 20 % 1540 1940 2600 + 30/- 20 % 1670 1940 2650 + 30/- 20 % 1710 1940
< 1,48 B66361-G-X127 (200 mT, 25 kHz, 100 C) < 4,00 B66361-G-X187 (200 mT, 100 kHz, 100 C) < 3,40 B66361-G-X197 (200 mT, 100 kHz, 100 C)
Gapped Material g mm N27, N87 0,10 0,02 0,20 0,02 0,50 0,05 1,00 0,05 A L value approx. nH 790 482 251 153
e
Ordering code ** = 27 (N27) ** = 87 (N87) B66361-G100-X1** B66361-G200-X1** B66361-G500-X1** B66361-G1000-X1**
508 310 161 98
The A L value in the table applies to a core set comprising one ungapped core (dimension g = 0) and one gapped core (dimension g > 0).
1) Preliminary data
481 08/01
g
ETD 34/17/11 Core
Calculation factors (for formulas, see "E cores: general information", page 382) Material Relationship between air gap - A L value K1 (25 C) N27 N87 Validity range: 153 153 K2 (25 C) - 0,713 - 0,713 Calculation of saturation current K3 (25 C) 245 240 K4 (25 C) - 0,847 - 0,796 K3 (100 C) K4 (100 C) 227 222 - 0,865 - 0,873
B66361
K1, K2: 0,10 mm < s < 2,50 mm K3, K4: 80 nH < AL < 780 nH
482 08/01
ETD 34/17/11 Accessories
Coil former (magnetic axis horizontal) Material: GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085: B66362B: F = max. operating temperature 155 C, color code black (Valox 420SE0; [E 45329 (M)]; General Electric Plastics) B66362W: H = max. operating temperature 180 C, color code black (Rynite FR530; [E 69578 (M)]; E I DUPONT DE NEMOURS & CO INC) Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3.5 s Winding: see databook 2001, chapter Processing Notes, page 158 Yoke
Sections 1
B66362
Material: Stainless spring steel (0.4 mm)
AN (mm) 122 lN (mm) 60.5 AR value () Pins 17 14 Ordering code B66362B1014T001 B66362W1014T001 B66362A2000
Yoke (ordering code per piece, 2 are required)
Coil former
39,6 max. 25 min. 13,4 max. 11,4 min.
Yoke
33,1 max.
_ 0,2 38 +0,5
41,8 max. 23,6 max. 20,9 min.
110,2
4,50,5
90,3
FEK0203-J
0,8 6 x 5,08 = 30,48
FEK0263-S
Hole arrangement View in mounting direction
EPCOS AG 2003. Reproduction, publication and dissemination of this data sheet, enclosures heretoand the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
FER PMD ZUB E Page 1 of 1
25,40,05
1,6+0,15
18.09.03
ETD 34/17/11 Accessories
B66362
Coil former (magnetic axis vertical, squared pins) Material: GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085: H = max. operating temperature 180 C, color code black (Rynite FR530; [E 69578 (M)]; E I DUPONT DE NEMOURS & CO INC) Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3.5 s Winding: see databook 2001, chapter Processing Notes, page 158 Yoke
Sections 1
Material: Stainless spring steel (0.4 mm)
AN (mm) 122 lN (mm) 60.5 AR value () Pins 17 14 Ordering code B66362X1014T001 B66362A2000
Yoke (ordering code per piece, 2 are required)
Coil former
25 min. 11.3 min. 1 13
Yoke
Marking of pin 1
_ 0,2 38 +0,5
27
2 39.6 max. o13.5 max.
14
1_ 0.1 23.4 max.
1.5 0.8
90,3
110,2
FEK0203-J
6 x 5.08 = 30.48
9 x 2.54 = 22.86
44 max.
5.5 _ 0.4
Hole arrangement View in mounting direction
FEK0432-A-E
FER PMD ZUB E Page 1 of 2
1.6+0.15
18.09.03
ETD 34/17/11 Accessories
B66362
Coil former (magnetic axis vertical, molded-in pins) Material: GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085: F = max. operating temperature 155 C, color code black (Pocan B4235; [E 41613 (M)]; Bayer) Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3.5 s Winding: see databook 2001, chapter Processing Notes, page 158 Yoke
Sections 1
Material: Stainless spring steel (0.4 mm)
AN (mm) 122 lN (mm) 60.5 AR value () Pins 17 14 Ordering code B66362L1014T001 B66362A2000
Yoke (ordering code per piece, 2 are required)
Coil former
25 min. 11.3 min. 1 13 Marking of pin 1
Yoke
27
_ 0,2 38 +0,5
2 39.6 max. o13.5 max.
14
1_ 0.1 23.4 max.
110,2
1.5 o1.0
90,3
FEK0203-J
6 x 5.08 = 30.48
9 x 2.54 = 22.86
44 max.
5.5 _ 0.4
Hole arrangement View in mounting direction
FEK0431-2-E
EPCOS AG 2003. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
FER PMD ZUB E Page 2 of 2
1.6+0.15
18.09.03
Herausgegeben von EPCOS AG Marketing Kommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND EPCOS AG 2000. Alle Rechte vorbehalten. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Mit den Angaben in dieser Broschure werden die Bauelemente spezifiziert, keine Eigenschaften zugesichert. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
Published by EPCOS AG Marketing Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
1


▲Up To Search▲   

 
Price & Availability of B66362X1014T001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X